PART |
Description |
Maker |
2N999 ST640 ST646 FT359 |
TRANSISTOR | BJT | DARLINGTON | NPN | 60V V(BR)CEO | 500MA I(C) | CAN TRANSISTOR | BJT | DARLINGTON | NPN | 60V V(BR)CEO | 10A I(C) | TO-3 TRANSISTOR | BJT | DARLINGTON | PNP | 80V V(BR)CEO | 10A I(C) | TO-3 晶体管|晶体管|达林顿|进步党| 80V的五(巴西)总裁| 10A条一(c)|3 TRANSISTOR | BJT | DARLINGTON | NPN | 350V V(BR)CEO | 15A I(C) | TO-3
|
STMicroelectronics N.V.
|
CFD1025 |
35.000W Darlington NPN Plastic Leaded Transistor. 150V Vceo, 8.000A Ic, 1500 - 30000 hFE. NPN PLANAR POWER DARLINGTON TRANSISTOR
|
CDIL[Continental Device India Limited]
|
2SD1692 2SD1692L 2SD1692K |
NPN SILICON DARLINGTON TRANSISTOR From old datasheet system NPN SILICON POWER TRANSISTOR Low-Power, Single/Dual-Level Battery Monitors with Hysteresis TRANSISTOR | BJT | DARLINGTON | NPN | 100V V(BR)CEO | 3A I(C) | TO-126 晶体管|晶体管|达林顿|叩| 100V的五(巴西)总裁| 3A条一(c)|26
|
NEC Corp. NEC, Corp.
|
2SD768K |
Silicon NPN Darlington Transistor TRANSISTOR | BJT | DARLINGTON | NPN | 120V V(BR)CEO | 6A I(C) | TO-220AB
|
Hitachi Semiconductor
|
ZTX600A ZTX601 |
NPN SILICON PLANAR MEDIUM POWER DARLINGTON TRANSISTORS NPN Darlington Transistor
|
Zetex Semiconductors
|
MPSA27-D MPSA27RLRA MPSA27RLRM |
Darlington Transistor NPN Silicon Small Signal Darlington NPN
|
ON Semiconductor
|
CEN-U45 |
Leaded Power Transistor Darlington NPN SILICON DARLINGTON TRANSISTOR
|
http:// CENTRAL[Central Semiconductor Corp] Central Semiconductor Corp.
|
2N6283 JANTX2N6283 JANTX2N6284 JAN2N6283 JAN2N6284 |
NPN Darlington Transistor NPN DARLINGTON POWER SILICON TRANSISTOR
|
MICROSEMI[Microsemi Corporation]
|
MPSW4506 MPSH10RLRA MPSH17RLRAG MPSH17RLRA MPSW45G |
One Watt Darlington Transistors NPN Silicon VHF/UHF Transistors NPN Silicon CATV Transistor One Watt Darlington Transistor NPN Silicon Amplifier Transistor PNP Silicon
|
ONSEMI[ON Semiconductor]
|
FJPF9020 FJPF9020TU |
Monolithic Construction With Built In Base-Emitter Shunt Resistors PNP Epitaxial Darlington Transistor NPN Epitaxial Darlington Transistor
|
FAIRCHILD[Fairchild Semiconductor]
|
GMPSA13 |
The GMPSA13 is designed for darlington applications requiring extremely high current gain at collector to 500mA NPN SILICON DARLINGTON TRANSISTOR
|
E-Tech Electronics LTD GTM CORPORATION
|
TIP112TU |
NPN Epitaxial Silicon Darlington Transistor; Package: TO-220; No of Pins: 3; Container: Rail 2 A, 100 V, NPN, Si, POWER TRANSISTOR, TO-220AB
|
Motorola Mobility Holdings, Inc.
|